| データシートサーチシステム |
|
STM32MP157D データシート(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157D データシート(HTML) 75 Page - STMicroelectronics |
|
75 / 261 page ![]() DS12504 Rev 6 75/261 STM32MP157A/D Pinouts, pin description and alternate functions 121 1B5 G7 1C2 - VDDCORE S - - - - - - Y11 V11 PH6 I/O FT_h - TIM12_CH1, I2C2_SMBA, SPI5_SCK, ETH1_GMII_RXD2/ ETH1_MII_RXD2/ ETH1_RGMII_RXD2, MDIOS_MDIO, DCMI_D8, EVENTOUT - 1H2 E16 - G4 VSS S - - - - V4 W6 AB10 AB8 PB8 I/O FT_favh - HDP6, TIM16_CH1, TIM4_CH3, DFSDM1_CKIN7, I2C1_SCL, SDMMC1_CKIN, I2C4_SCL, SDMMC2_CKIN, UART4_RX, FDCAN1_RX, SDMMC2_D4, ETH1_GMII_TXD3/ ETH1_MII_TXD3/ ETH1_RGMII_TXD3, SDMMC1_D4, DCMI_D6, LCD_B6, EVENTOUT - - - - K9 VDDCORE S - - - - V6 U7 AB9 Y8 PG8 I/O FT_vh - TRACED15, TIM2_CH1/TIM2_ETR, ETH_CLK, TIM8_ETR, SPI6_NSS, SAI4_D2, USART6_RTS/USART6_DE, USART3_RTS/USART3_DE, SPDIFRX_IN3, SAI4_FS_A, ETH1_PPS_OUT, LCD_G7, EVENTOUT - -N5 - P11 VDD S - - - - U7 V7 AB11 AA9 PG10 I/O FT_h - TRACED10, UART8_CTS, LCD_G3, SAI2_SD_B, QUADSPI_BK2_IO2, FMC_NE3, DCMI_D2, LCD_B2, EVENTOUT - - F5 W3 - VSS S - - - - 1J4 W7 AA9 W11 PE9 I/O FT_ha - TIM1_CH1, DFSDM1_CKOUT, UART7_RTS/UART7_DE, QUADSPI_BK2_IO2, FMC_AD6/FMC_D6, EVENTOUT - - G9 - - VDDCORE S - - - - V7 T10 AA11 W10 PE7 I/O FT_h - TIM1_ETR, TIM3_ETR, DFSDM1_DATIN2, UART7_RX, QUADSPI_BK2_IO0, FMC_AD4/FMC_D4, EVENTOUT - 1C3 F7 - G6 VSS S - - - - Table 7. STM32MP157A/D pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |