| データシートサーチシステム |
|
STM32WL55JC データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WL55JC データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 147 page ![]() Functional overview STM32WL55/54xx 48/147 DS13293 Rev 2 The USART is able to communicate at speeds of up to 4 Mbit/s, and also provides Smart Card mode (ISO 7816 compliant) and SPI-like communication capability. The USART supports synchronous operation (SPI mode), and can be used as an SPI master. The USART has a clock domain independent from the CPU clock, allowing the USART to wake up the MCU from Stop mode, using baudrates up to 200 kbaud. The wakeup events from Stop mode are programmable and can be one of the following: • start bit detection • any received data frame • a specific programmed data frame The USART interface can be served by the DMA controller. 3.31 Low-power universal asynchronous receiver transmitter (LPUART) The devices embed one low-power UART (LPUART1) that enables asynchronous serial communication with minimum power consumption. The LPUART supports half-duplex single-wire communication and modem operations (CTS/RTS), allowing multiprocessor communication. The LPUART has a clock domain independent from the CPU clock, and can wake up the system from Stop mode using baudrates up to 220 Kbaud. The wakeup events from Stop mode are programmable and can be one of the following: • start bit detection • any received data frame • a specific programmed data frame Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600 baud. Therefore, even in Stop mode, the LPUART can wait for an incoming frame while having an extremely low-energy consumption. Higher speed clock can be used to reach higher baudrates. The LPUART interface can be served by the DMA controller. Table 16. USART/LPUART features USART modes/features(1) USART1/2 LPUART1 Hardware flow control for modem X X Continuous communication using DMA X X Multiprocessor communication X X Synchronous mode (Master/Slave) X - Smartcard mode X - Single-wire half-duplex communication X X IrDA SIR ENDEC block X - LIN mode X - |