データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32WB55 データシート(PDF) 68 Page - STMicroelectronics

部品番号 STM32WB55
部品情報  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55 データシート(HTML) 68 Page - STMicroelectronics

Back Button STM32WB55 Datasheet HTML 64Page - STMicroelectronics STM32WB55 Datasheet HTML 65Page - STMicroelectronics STM32WB55 Datasheet HTML 66Page - STMicroelectronics STM32WB55 Datasheet HTML 67Page - STMicroelectronics STM32WB55 Datasheet HTML 68Page - STMicroelectronics STM32WB55 Datasheet HTML 69Page - STMicroelectronics STM32WB55 Datasheet HTML 70Page - STMicroelectronics STM32WB55 Datasheet HTML 71Page - STMicroelectronics STM32WB55 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 193 page
background image
Pinouts and pin description
STM32WB55xx STM32WB35xx
68/193
DS11929 Rev 11
-
-
C6
D6
PD6
I/O
FT
-
SAI1_PDM_DI1,
TSC_G5_IO3,
QUADSPI_BK1_IO2,
SAI1_SD_A,
CM4_EVENTOUT
-
-
-
A8
C5
PD7
I/O
FT_l
-
TSC_G5_IO4,
QUADSPI_BK1_IO3,
LCD_SEG39,
CM4_EVENTOUT
-
-
-
B9
B12
VSS
S
-
-
-
-
-
-
D4
B6
PD8
I/O
FT_l
-
TIM1_BKIN2, LCD_SEG28,
CM4_EVENTOUT
-
-
-
D5
D4
PD9
I/O
FT_l
-
TRACED0, LCD_SEG29,
CM4_EVENTOUT
-
-
-
E4
A7
PD10
I/O
FT_l
-
TRIG_INOUT, TSC_G6_IO1,
LCD_SEG30,
CM4_EVENTOUT
-
-
-
E5
B5
PD11
I/O
FT_l
-
TSC_G6_IO2, LCD_SEG31,
LPTIM2_ETR,
CM4_EVENTOUT
-
-
-
B8
B4
PD12
I/O
FT_l
-
TSC_G6_IO3, LCD_SEG32,
LPTIM2_IN1,
CM4_EVENTOUT
-
43 63 A9
C4
PB3
(JTDO)
I/O FT_la (9)
JTDO-TRACESWO,
TIM2_CH2, SPI1_SCK,
USART1_RTS_DE,
LCD_SEG7, SAI1_SCK_B,
CM4_EVENTOUT
COMP2_INM
44 64 C7
B3
PB4
(NJTRST)
I/O FT_fla (9)
NJTRST, I2C3_SDA,
SPI1_MISO, USART1_CTS,
TSC_G2_IO1, LCD_SEG8,
SAI1_MCLK_B, TIM17_BKIN,
CM4_EVENTOUT
COMP2_INP
45 65 D6
A3
PB5
I/O
FT_l
-
LPTIM1_IN1, I2C1_SMBA,
SPI1_MOSI, USART1_CK,
LPUART1_TX, TSC_G2_IO2,
LCD_SEG9, COMP2_OUT,
SAI1_SD_B, TIM16_BKIN,
CM4_EVENTOUT
-
Table 16. STM32WB55xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More