| データシートサーチシステム |
|
STM32WB55 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 193 page ![]() Introduction STM32WB55xx STM32WB35xx 12/193 DS11929 Rev 11 1 Introduction This document provides the ordering information and mechanical device characteristics of the STM32WB55xx and STM32WB35xx microcontrollers, based on Arm® cores(a). This document must be read in conjunction with the reference manual (RM0434), available from the STMicroelectronics website www.st.com. For information on the device errata with respect to the datasheet and reference manual refer to the STM32WB55xx and STM32WB35xx errata sheet (ES0394), available from the STMicroelectronics website www.st.com. For information on the Arm® Cortex®-M4 and Cortex®-M0+ cores, refer, respectively, to the Cortex®-M4 Technical Reference Manual and to the Cortex®-M0+ Technical Reference Manual, both available on the www.arm.com website. For information on 802.15.4 refer to the IEEE website (www.ieee.org). For information on Bluetooth® refer to www.bluetooth.com. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |