| データシートサーチシステム |
|
STM32WB55 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 193 page ![]() Functional overview STM32WB55xx STM32WB35xx 40/193 DS11929 Rev 11 RTC TIM16 Timer input channel from RTC events Y Y Y Y - - LPTIMERx Low-power timer triggered by RTC alarms or tampers YYY YY Y(1) All clock sources (internal and external) TIM2 TIM16, 17 Clock source used as input channel for RC measurement and trimming YYY Y - - USB TIM2 Timer triggered by USB SOF Y Y - - - - CSS CPU (hard fault) SRAM (parity error) Flash memory (ECC error) COMPx PVD TIM1 TIM16,17 Timer break Y Y Y Y - - GPIO TIMx External trigger Y Y Y Y - - LPTIMERx External trigger YYY YY Y(1) ADC1 Conversion external trigger Y Y Y Y - - 1. LPTIM1 only. Table 9. STM32WB55xx and STM32WB35xx CPU1 peripherals interconnect matrix (continued) Source Destination Action |