| データシートサーチシステム |
|
STM32WB55 データシート(PDF) 75 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB55 データシート(HTML) 75 Page - STMicroelectronics |
|
75 / 193 page ![]() C PC0 - LPTIM1_ IN1 -- I2C3 _SCL -- - LPUART1 _RX - - LCD_SEG18 - - LPTIM2_ IN1 CM4_ EVENTOUT PC1 - LPTIM1_ OUT - SPI2_ MOSI I2C3 _SDA -- LPUART1 _TX - - LCD_SEG19 - - - CM4_ EVENTOUT PC2 - LPTIM1_ IN2 --- SPI2_ MISO - - - - - LCD_SEG20 - - - CM4_ EVENTOUT PC3 - LPTIM1_ ETR - SAI1_ PDM_DI1 - SPI2_ MOSI - - - - - LCD_VLCD - SAI1 _SD_A LPTIM2_ ETR CM4_ EVENTOUT PC4 - - - - --- - - - - LCD_SEG22 - - - CM4_ EVENTOUT PC5 -- - SAI1_ PDM_DI3 --- - - - - LCD_SEG23 - - - CM4_ EVENTOUT PC6 - - - - --- - - TSC_G4 _IO1 - LCD_SEG24 - - - CM4_ EVENTOUT PC7 - - - - --- - - TSC_G4 _IO2 - LCD_SEG25 - - - CM4_ EVENTOUT PC8 - - - - --- - - TSC_G4 _IO3 - LCD_SEG26 - - - CM4_ EVENTOUT PC9 -- - TIM1 _BKIN --- - - TSC_G4 _IO4 USB_NOE LCD_SEG27 - SAI1 _SCK_B - CM4_ EVENTOUT PC10 TRACE D1 -- - --- - - TSC_G3 _IO2 - LCD_COM4 LCD_SEG28 LCD_SEG40 --- CM4_ EVENTOUT PC11 - - - - --- - - TSC_G3 _IO3 - LCD_COM5 LCD_SEG29 LCD_SEG41 --- CM4_ EVENTOUT PC12 TRACE D3 - --- - LSCO - - TSC_G3 _IO4 - LCD_COM6 LCD_SEG30 LCD_SEG42 --- CM4_ EVENTOUT PC13 - - - - --- - - - - - - - - CM4_ EVENTOUT PC14 - - - - --- - - - - - - - - CM4_ EVENTOUT PC15 - - - - --- - - - - - - - - CM4_ EVENTOUT Table 18. Alternate functions (STM32WB55xx) (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_AF TIM1/ TIM2/ LPTIM1 TIM1/ TIM2 SPI2/ SAI1/ TIM1 I2C1/ I2C3 SPI1/ SPI2 RF USART1 LPUART1 TSC USB/ QUADSPI LCD COMP1/ COMP2/ TIM1 SAI1 TIM2/ TIM16/ TIM17/ LPTIM2 EVENTOUT |