| データシートサーチシステム |
|
STM8L051F3 データシート(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L051F3 データシート(HTML) 94 Page - STMicroelectronics |
|
94 / 96 page ![]() Revision history STM8L051F3 94/96 DS9178 Rev 4 11 Revision history Table 54. Document revision history Date Revision Changes 01-Aug-2012 1 Initial release. 26-Mar-2014 2 Updated TSS0P20 package information Updated pin name related to pin1 and 2 inside Table 4: STM8L051F3 pin description Updated inside Table 10: Option byte addresses OPT5 default factory of BOR to 0x00 04-Jul-2017 3 Updated – All document to refer to specific RPN instead to the whole Value line when relevant to make content clearer – Document’s title – Footnotes were standardized on Section 8: Electrical parameters – Figure on Features on the cover page – Section 1: Introduction – Section 2: Description – Section 2.2: Ultra-low-power continuum – Section 8.2: Absolute maximum ratings – Section 9.3: TSSOP20 package information – Figure 1: STM8L051F3 block diagram – Figure 2: STM8L051F3 clock tree diagram – Figure 5: Pin loading conditions – Figure 6: Pin input voltage – Figure 8: Typ. IDD(RUN) vs. VDD, fCPU = 16 MHz – Figure 9: Typ. IDD(Wait) vs. VDD, fCPU = 16 MHz 1) – Figure 10: Typ. IDD(LPR) vs. VDD (LSI clock source) – Figure 11: Typ. IDD(LPW) vs. VDD (LSI clock source) – Figure 13: LSE oscillator circuit diagram – Figure 15: Typical LSI frequency vs. VDD – Figure 16: Typical VIL and VIH vs VDD (high sink I/Os) – Figure 17: Typical VIL and VIH vs VDD (true open drain I/Os) – Figure 18: Typical pull-up resistance RPU vs VDD with VIN=VSS – Figure 19: Typical pull-up current Ipu vs VDD with VIN=VSS – Figure 29: SPI1 timing diagram - slave mode and CPHA=0 – Figure 30: SPI1 timing diagram - slave mode and CPHA=1(1) – Figure 34: Typical connection diagram using the ADC – Figure 35: Maximum dynamic current consumption on VREF+ supply pin during ADC conversion |