| データシートサーチシステム |
|
STM8L051F3 データシート(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L051F3 データシート(HTML) 24 Page - STMicroelectronics |
|
24 / 96 page ![]() Pin description STM8L051F3 24/96 DS9178 Rev 4 Table 4. STM8L051F3 pin description pin n° Pin name Input Output Default alternate function 4 NRST/PA1(1) I/O - - X -HS - X Reset PA1 5 PA2/OSC_IN/[USART_TX](2)/ [SPI_MISO] (2) I/O - X XX HS X X Port A2 HSE oscillator input / [USART transmit] / [SPI master in- slave out] 6 PA3/OSC_OUT/[USART_RX](2) /[SPI_MOSI](2) I/O - X XX HS X X Port A3 HSE oscillator output / [USART receive]/ [SPI master out/slave in] 10 PB0(3)/TIM2_CH1/ADC1_IN18 I/O - X XX HS X X Port B0 Timer 2 - channel 1 / ADC1_IN18 11 PB1/TIM3_CH1/ADC1_IN17 I/O - X XX HS X X Port B1 Timer 3 - channel 1 / ADC1_IN17 12 PB2/ TIM2_CH2/ ADC1_IN16 I/O - X XX HS X X Port B2 Timer 2 - channel 2 ADC1_IN16 13 PB3/TIM2_ETR/ ADC1_IN15/RTC_ALARM I/O - X XX HS X X Port B3 Timer 2 - external trigger / ADC1_IN15 / RTC_ALARM 14 PB4(3)/SPI1_NSS/ADC1_IN14 I/O - X XX HS X X Port B4 SPI master/slave select / ADC1_IN14 15 PB5/SPI_SCK/ /ADC1_IN13 I/O - X XX HS X X Port B5 [SPI clock] / ADC1_IN13 16 PB6/SPI1_MOSI/ ADC1_IN12 I/O - X XX HS X X Port B6 SPI master out/ slave in / ADC1_IN12 17 PB7/SPI1_MISO/ADC1_IN11 I/O - X XX HS X X Port B7 SPI1 master in- slave out/ ADC1_IN11 18 PC0/I2C_SDA I/O FT X -X - T(4) Port C0 I2C data 19 PC1/I2C_SCL I/O FT X -X - T(3) Port C1 I2C clock 20 PC4/USART_CK/ I2C_SMB/CCO/ADC1_IN4 I/O - X XX HS X X Port C4 USART synchronous clock / I2C1_SMB / Configurable clock output / ADC1_IN4 1 PC5/OSC32_IN /[SPI1_NSS](2)/ [USART_TX]/[TIM2_CH1] I/O - X XX HS X X Port C5 LSE oscillator input / [SPI master/slave select] / [USART transmit]/Timer 2 -channel 1 |