データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64KC データシート(PDF) 54 Page - STMicroelectronics

部品番号 ST25DV64KC
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC データシート(HTML) 54 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 50Page - STMicroelectronics ST25DV64KC Datasheet HTML 51Page - STMicroelectronics ST25DV64KC Datasheet HTML 52Page - STMicroelectronics ST25DV64KC Datasheet HTML 53Page - STMicroelectronics ST25DV64KC Datasheet HTML 54Page - STMicroelectronics ST25DV64KC Datasheet HTML 55Page - STMicroelectronics ST25DV64KC Datasheet HTML 56Page - STMicroelectronics ST25DV64KC Datasheet HTML 57Page - STMicroelectronics ST25DV64KC Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 203 page
background image
Table 52. I2CSS access
RF
I2C
Command
Type
Address
Type
No access
E2=1, E1=1, 000Bh R always, W if I
2C security
session is open
Table 53. I2CSS
Bit
Name
Function
Factory value
b1-b0
RW_PROTECTION_A1
00: Area 1 I2C access: Read always allowed, Write always allowed
01: Area 1 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 1 I2C access: Read always allowed, Write always allowed
11: Area 1 I2C access: Read always allowed, Write allowed if I2C user security
session is open
00b
b3-b2
RW_PROTECTION_A2
00: Area 2 I2C access: Read always allowed, Write always allowed
01: Area 2 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 2 I2C access: Read allowed if I2C user security session is open, Write
always allowed
11: Area 2 I2C access: Read allowed if I2C security session is open, Write
allowed if I2C security session is open
00b
b5-b4
RW_PROTECTION_A3
00: Area 3 I2C access: Read always allowed, Write always allowed
01: Area 3 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 3 I2C access: Read allowed if I2C user security session is open, Write
always allowed
11: Area 3 I2C access: Read allowed if I2C security session is open, Write
allowed if I2C security session is open
00b
b7-b6
RW_PROTECTION_A4
00: Area 4 I2C access: Read always allowed, Write always allowed
01: Area 4 I2C access: Read always allowed, Write allowed if I2C user security
session is open
10: Area 4 I2C access: Read allowed if I2C user security session is open, Write
always allowed
11: Area 4 I2C access: Read allowed if I2C security session is open, Write
allowed if I2C security session is open
00b
Note:
Refer to Table 13. System configuration memory map for the I2CSS register.
ST25DV04KC ST25DV16KC ST25DV64KC
Data protection
DS13519 - Rev 3
page 54/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More