データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64KC データシート(PDF) 6 Page - STMicroelectronics

部品番号 ST25DV64KC
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC データシート(HTML) 6 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 2Page - STMicroelectronics ST25DV64KC Datasheet HTML 3Page - STMicroelectronics ST25DV64KC Datasheet HTML 4Page - STMicroelectronics ST25DV64KC Datasheet HTML 5Page - STMicroelectronics ST25DV64KC Datasheet HTML 6Page - STMicroelectronics ST25DV64KC Datasheet HTML 7Page - STMicroelectronics ST25DV64KC Datasheet HTML 8Page - STMicroelectronics ST25DV64KC Datasheet HTML 9Page - STMicroelectronics ST25DV64KC Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 203 page
background image
Table 3. 12-pin packages signal names
Signal name
Function
Direction
V_EH
Energy harvesting
Power output
GPO
Interrupt output
Output
SDA
Serial data
I/O
SCL
Serial clock
Input
AC0, AC1
Antenna coils
-
VCC
Supply voltage
Power
VSS
Ground
-
LPD
Low power down mode
Input
VDCG
Supply voltage for GPO driver
Power
NC
Not connected
Must be left floating
EP
Exposed pad
Must be left floating
Figure 6. ST25DVxxKC 12-pin UFDFPN12 package connections
V_EH
AC0
AC1
VSS
VDCG
NC
SCL
SDA
3
4
5
6
10
9
8
7
UFDFPN12
EP
LPD
NC
VCC
GPO (CMOS)
12
11
1
2
ST25DV04KC ST25DV16KC ST25DV64KC
ST25DVxxKC packaging
DS13519 - Rev 3
page 6/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More