| データシートサーチシステム |
|
ST25DV64KC データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 203 page ![]() RF off mode can be exited with the I2C “RFSwitchOn” command, or by removing the VCC power supply. Exiting RF off mode reset the bit 2, RF_OFF, of RF_MNGT_Dyn register. When exiting RF off mode, ST25DVxxKC state machine is set to Reset to Ready state, and all RF security sessions are closed. Table 26. RF modes summary RF mode RF requests treatment ISO15693 state RF security sessions Run Executed normally Changed by relevant RF requests Changed by relevant RF requests Disable Not executed. Error 0Fh returned when possible Unchanged Unchanged Sleep Not processed, not answered Unchanged Unchanged Off Not processed, not answered Reset (back to reset to ready state) Reset (all sessions closed) Following table is summarizing the effect of RF_OFF, RF_SLEEP and RF_DISABLE bits, as well as I2C busy state on any RF request: Table 27. RF modes configuration bits and effect on RF requests RF_OFF RF_SLEEP RF_DISABLE I2C busy Effect on RF request 0 0 0 0 Processed 0 0 0 1 Not processed and answered with error 0Fh when possible 0 0 1 x Not processed and answered with error 0Fh when possible 0 1 x x No processed, not answered 1 0 x x No processed, not answered 1 1 x x No processed, not answered ST25DV04KC ST25DV16KC ST25DV64KC RF management feature DS13519 - Rev 3 page 30/203 |