| データシートサーチシステム |
|
ST25DV64KC データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 203 page ![]() RF_PUT_MSG: • A pulse is emitted on GPO when a message is successfully written by RF in fast transfer mode mailbox. • When RF_PUT_MSG is activated, a pulse of duration IT_TIME is emitted on GPO at completion of valid Write Message or Fast Write Message commands (after EOF of ST25DVxxKC response). Figure 21. RF_PUT_MSG chronogram 2) VCD sends a Write Message or Fast Write Message command and ST25DVxxKC replies with error. GPO/RF_PUT_MSG remains high-Z. S O F E O F 3) VCD sends Write Message or Fast Write Message command and ST25DVxxKC stays quiet (command not for this VICC, or quiet state). GPO/RF_PUT_MSG stays high-Z. Write Msg Command GPO/RF_PUT_MSG GPO/RF_PUT_MSG S O F Write Msg command E O F 1) VCD sends a Write Message or Fast Write Message command and ST25DVxxKC replies with no error. GPO/RF_PUT_MSG generates a pulse during IT_TIME after ST25DVxxKC response. t1 GPO/RF_PUT_MSG S O F E O F ST25DVxxKC reply S O F Write Msg command E O F t1 S O F E O F ST25DVxxKC reply 4) VCD sends a any other command than Write Message or Fast Write Message commands and ST25DVxxKC replies. GPO/RF_PUT_MSG remains high-Z. GPO/RF_PUT_MSG S O F Any other command E O F t1 S O F E O F ST25DVxxKC reply ST25DV04KC ST25DV16KC ST25DV64KC GPO DS13519 - Rev 3 page 38/203 |