| データシートサーチシステム |
|
ST25DV64KC データシート(PDF) 171 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC データシート(HTML) 171 Page - STMicroelectronics |
|
171 / 203 page ![]() Table 279. Polling during programing after sequential write in User memory when write operation allowed and all bytes belong to same area. Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - NoACK 9th bit Device Busy Start A6h - Device select for writing - NoACK 9th bit Device Busy Start A6h - Device select for writing - ... 9th bit Device Busy Start A6h - Device select for writing - ACK 9th bit Device ready Programing completed Stop - End of Polling Table 280. Sequential write in User memory when write operation allowed and crossing over area border Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA 0 - Send Data 0 - ACK 9th bit DATA 1 - Send Data 1 - ACK 9th bit ... - ... - ... ... DATA n - Send Data n Address is located in next memory area - NoACK 9th bit Stop - No programming Device return in Standby ST25DV04KC ST25DV16KC ST25DV64KC I²C sequential writing and polling DS13519 - Rev 3 page 171/203 |