データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST25DV64KC データシート(PDF) 199 Page - STMicroelectronics

部品番号 ST25DV64KC
部品情報  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC データシート(HTML) 199 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 195Page - STMicroelectronics ST25DV64KC Datasheet HTML 196Page - STMicroelectronics ST25DV64KC Datasheet HTML 197Page - STMicroelectronics ST25DV64KC Datasheet HTML 198Page - STMicroelectronics ST25DV64KC Datasheet HTML 199Page - STMicroelectronics ST25DV64KC Datasheet HTML 200Page - STMicroelectronics ST25DV64KC Datasheet HTML 201Page - STMicroelectronics ST25DV64KC Datasheet HTML 202Page - STMicroelectronics ST25DV64KC Datasheet HTML 203Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 199 / 203 page
background image
Table 215. Present Password response format when Error_flag is set ..................................... 129
Table 216. Fast Read Single Block request format ................................................... 129
Table 217. Fast Read Single Block response format when Error_flag is NOT set .............................. 129
Table 218. Block security status................................................................ 130
Table 219. Fast Read Single Block response format when Error_flag is set .................................. 130
Table 220. Fast Extended Read Single Block request format............................................ 130
Table 221. Fast Extended Read Single Block response format when Error_flag is NOT set ....................... 131
Table 222. Block security status................................................................ 131
Table 223. Fast Extended Read Single Block response format when Error_flag is set........................... 131
Table 224. Fast Read Multiple Block request format .................................................. 132
Table 225. Fast Read Multiple Block response format when Error_flag is NOT set ............................. 132
Table 226. Block security status if Option_flag is set.................................................. 132
Table 227. Fast Read Multiple Block response format when Error_flag is set ................................. 132
Table 228. Fast Extended Read Multiple Block request format........................................... 133
Table 229. Fast Extended Read Multiple Block response format when Error_flag is NOT set ...................... 134
Table 230. Block security status if Option_flag is set.................................................. 134
Table 231. Fast Read Multiple Block response format when Error_flag is set ................................. 134
Table 232. Fast Write Message request format ..................................................... 135
Table 233. Fast Write Message response format when Error_flag is NOT set ................................ 135
Table 234. Fast Write Message response format when Error_flag is set .................................... 135
Table 235. Fast Read Message Length request format ................................................ 136
Table 236. Fast Read Message Length response format when Error_flag is NOT set ........................... 136
Table 237. Fast Read Message Length response format when Error_flag is set ............................... 136
Table 238. Fast Read Dynamic configuration request format ............................................ 137
Table 239. Fast Read Dynamic configuration response format when Error_flag is NOT set ....................... 137
Table 240. Fast Read Dynamic configuration response format when Error_flag is set ........................... 137
Table 241. Fast Write Dynamic Configuration request format............................................ 138
Table 242. Fast Write Dynamic Configuration response format when Error_flag is NOT set ....................... 138
Table 243. Fast Write Dynamic Configuration response format when Error_flag is set........................... 139
Table 244. UID format ...................................................................... 140
Table 245. Absolute maximum ratings ........................................................... 141
Table 246. I2C operating conditions ............................................................. 142
Table 247. AC test measurement conditions ....................................................... 142
Table 248. Input parameters .................................................................. 142
Table 249. I2C DC characteristics up to 85 °C ...................................................... 143
Table 250. I2C DC characteristics up to 125 °C ..................................................... 144
Table 251. I2C AC characteristics up to 85 °C ...................................................... 146
Table 252. I2C AC characteristics up to 125 °C ..................................................... 147
Table 253. GPO DC characteristics up to 85 °C ..................................................... 149
Table 254. GPO DC characteristics up to 125 °C .................................................... 149
Table 255. GPO AC characteristics ............................................................. 149
Table 256. RF characteristics ................................................................. 150
Table 257. Operating conditions ............................................................... 151
Table 258. Thermal characteristics.............................................................. 151
Table 259. SO8N – Mechanical data ............................................................ 153
Table 260. TSSOP8 – Mechanical data .......................................................... 154
Table 261. UFDFN8 - Mechanical data ........................................................... 157
Table 262. WLCSP - 10 balls, 1.649x1.483 mm, 0.4 mm pitch, wafer level chip scale mechanical data ............... 158
Table 263. WLCSP10 recommended PCB design rules ............................................... 159
Table 264. UFDFPN12 - Mechanical data ......................................................... 160
Table 265. Ordering information scheme.......................................................... 161
Table 266. Device select usage ................................................................ 165
Table 267. Byte Write in user memory when write operation allowed ...................................... 165
Table 268. Polling during programming after byte writing in user memory ................................... 166
ST25DV04KC ST25DV16KC ST25DV64KC
List of tables
DS13519 - Rev 3
page 199/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More