データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCA2117DUGS/DA データシート(PDF) 33 Page - NXP Semiconductors

部品番号 PCA2117DUGS/DA
部品情報  Automotive LCD driver for character displays
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2117DUGS/DA データシート(HTML) 33 Page - NXP Semiconductors

Back Button PCA2117DUGS/DA Datasheet HTML 29Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 30Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 31Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 32Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 33Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 34Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 35Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 36Page - NXP Semiconductors PCA2117DUGS/DA Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
PCA2117
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4 — 8 April 2015
33 of 107
NXP Semiconductors
PCA2117
Automotive LCD driver for character displays
The chip can be put into power-down mode by applying a HIGH-level to pin PD. In
power-down mode, all static currents are switched off (no internal oscillator, no bias level
generation and all LCD outputs are internally connected to VSS).
During power-down, information in the RAM and the chip state are not preserved.
Instruction execution during power-down is not possible.
(1) If previously enabled.
Remark: When bits D (Table 25 on page 20), CPE (Table 30 on page 24), and TME (Table 32 on
page 26) are logic 0, the internal clock signal is switched off.
Fig 11. Recommended power-down sequence when using an externally supplied VLCD
and the internal clock signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More