| データシートサーチシステム |
|
PCA2117DUGS/DA データシート(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2117DUGS/DA データシート(HTML) 55 Page - NXP Semiconductors |
|
55 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 55 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays 8.5.3.1 CGROM addressing To display a character from the CGROM, it has to be written to the DDRAM with WD[7:0} of the Write_data command. The addressing sequence is “4 MSB 4 LSB” (see Figure 31). Addressing examples: • 1101 0000 points to character P • 1110 0010 points to character b 8.5.4 CGRAM Up to 48 user-defined characters may be stored in the Character Generator RAM (CGRAM), depending on the configuration of CGRAM and CGROM (RR[1:0]) with the RAM_ROM_config command (see Section 8.1.1.8). With the RAM_ROM_config command, the CGROM column 1 and column 2 can be overlaid with the corresponding CGRAM columns. RR[1:0] = 00 — 16 CGRAM characters in CGRAM column 0 RR[1:0] = 01 — 32 CGRAM characters in CGRAM column 0 and CGRAM column 2 RR[1:0] = 10 — 32 CGRAM characters in CGRAM column 0 and CGRAM column 1 RR[1:0] = 11 — 48 CGRAM characters in CGRAM column 0, CGRAM column 1 and CGRAM column 2 Figure 36 exemplifies the overlay of the CGROM with the CGRAM columns. |