| データシートサーチシステム |
|
PCA2117DUGS/DA データシート(PDF) 67 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2117DUGS/DA データシート(HTML) 67 Page - NXP Semiconductors |
|
67 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 67 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays 9.2.5 I2C-bus controller The PCA2117 acts as an I2C-bus slave. It does not initiate I2C-bus transfers. 9.2.6 Input filters To enhance noise immunity in electrically adverse environments, RC low-pass filters are provided on the SDA and SCL lines. 9.2.7 I2C-bus slave address Device selection depends on the I2C-bus slave address. Two different I2C-bus slave addresses can be used to address the PCA2117 (see Table 41). The least significant bit of the slave address byte is bit R/W (see Table 42). Bit 1 of the slave address is defined by connecting the input SA0 to either VSS1 (logic 0) or VDD1 (logic 1). Therefore, two instances of PCA2117 can be distinguished on the same I2C-bus. Fig 49. Acknowledgement on the I2C-bus Table 41. I2C slave address byte Slave address Bit 7 6 5 4 3 2 1 0 MSB LSB slave address 0 1 1 1 0 1 SA0 R/W Table 42. R/W-bit description R/W Description 0 write data 1 read data |