| データシートサーチシステム |
|
PCA2117DUGS/DA データシート(PDF) 99 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA2117DUGS/DA データシート(HTML) 99 Page - NXP Semiconductors |
|
99 / 107 page ![]() PCA2117 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4 — 8 April 2015 99 of 107 NXP Semiconductors PCA2117 Automotive LCD driver for character displays 20. Abbreviations Table 59. Abbreviations Acronym Description AEC Automotive Electronics Council CGRAM Character Generator RAM CGROM Character Generator ROM CRC Cyclical Redundancy Check DDRAM Double Data Random Access Memory COG Chip-On-Glass DC Direct Current ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit bus IC Integrated Circuit ITO Indium Tin Oxide LCD Liquid Crystal Display LSB Least Significant Bit MSB Most Significant Bit MUX Multiplexer NC Numeric Code OTP One Time Programmable PCB Printed-Circuit Board RC Resistance-Capacitance RAM Random Access Memory RMS Root Mean Square ROM Read-Only Memory SCL Serial CLock line SDA Serial DAta line SPI Serial Peripheral Interface XOR EXclusive OR operator |