| データシートサーチシステム |
|
RZ/A データシート(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A データシート(HTML) 31 Page - Renesas Technology Corp |
|
31 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 31 of 83 Jul 28, 2022 Table 2.2 List of Pin Function Selection Used on Each Module Board (7/18) Pin Location Pin Name RZ/G2UL Pin Function RZ/A3UL Pin Function RZ/Five Pin Function Description SMARC Pin No. SMARC Pin Name C14 P15_0/RSPI0_CK /IRQ4/MTIOC8A/ DISP_DATA11 DISP_DATA11 DISP_DATA11 P15_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — C14 B14 P16_1/ SCIF1_RTS#/ DISP_DATA12 DISP_DATA12 DISP_DATA12 P16_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — C15 P15_1/ RSPI0_MOSI/ IRQ5/MTIOC8B/ DISP_DATA13 DISP_DATA13 DISP_DATA13 P15_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — A15 P15_3/ RSPI0_SSL/ IRQ7/MTIOC8D/ DISP_DATA14 DISP_DATA14 DISP_DATA14 P15_3 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — F16 P18_0/IRQ2/ ADC_TRG/ SCI0_SCK/ DISP_DATA15/ SCIF3_SCK DISP_DATA15 DISP_DATA15 P18_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — B15 P15_2/ RSPI0_MISO/ IRQ6/MTIOC8C/ DISP_DATA16/ SCI1_TXD DISP_DATA16 DISP_DATA16 P15_2 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — C16 P17_0/ RRRSPI2_CK/ SSI1_BCK/ CAN1_TX/ MTIOC3A/ DISP_DATA17/ SCI1_RXD DISP_DATA17 DISP_DATA17 P17_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — A16 P17_2/ RSPI1_MISO/ SSI1_TXD/ CAN1_TX_ DATARATE_EN/ MTIOC3C/ DISP_DATA18 DISP_DATA18 DISP_DATA18 P17_2 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — B16 P17_1/ RSPI1_MOSI/ SSI1_RCK/ CAN1_RX/ MTIOC3B/ DISP_DATA19 DISP_DATA19 DISP_DATA19 P17_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — B11 P13_0/ SCIF0_TXD/ CAN_CLK/ MTIOC4A/ USB1_VBUSEN/ DISP_DATA2 DISP_DATA2 DISP_DATA2 P13_0 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — A17 P18_1/IRQ3/ SCIF3_SCK/ SCI0_TXD/ DISP_DATA20/ SCIF3_RXD DISP_DATA20 DISP_DATA20 P18_1 Connected to 45pin FFC/FPC connector (CN5) Note: Unused in case of RZ/Five — — |