| データシートサーチシステム |
|
RZ/A データシート(PDF) 67 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A データシート(HTML) 67 Page - Renesas Technology Corp |
|
67 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 3. Operation Specifications R01UH0990EJ0101 Rev.1.01 Page 67 of 83 Jul 28, 2022 Table 3.6 provides functions of the DIP switch and Figure 3.9 indicates a default terminal state. Table 3.6 Functions of System Setting DIP Switch (SW1) No. Setting Function SW1-1 DEBUGEN OFF DEBUGEN= “H” JTAG debugging ON DEBUGEN= “L” Normal operation (default) SW1-2 Selection SD/MMC OFF Selection= “H” Select the eMMC memory (default) ON Selection= “L” Select the microSD card SW1-3 Selection Ethernet0/Peripherals OFF Selection= “H” Select the CAN0, Can1, RSPI1, SSI1 signals (default) ON Selection= “L” Select the Ethernet0 signals Figure 3.9 Default Setting of System Setting DIP Switch (SW1) |