| データシートサーチシステム |
|
RZ/A データシート(PDF) 56 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A データシート(HTML) 56 Page - Renesas Technology Corp |
|
56 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 2. Functional Specifications R01UH0990EJ0101 Rev.1.01 Page 56 of 83 Jul 28, 2022 2.11.2 SD Card Figure 2.14 shows a block diagram of the SD0 interface. The microSD card is connected to channel 0 of SD/MMC interface that is with built-in to the RZ/G2UL. This memory is used in conjunction with eMMC memory. The microSD card may be used when ● the microSD is the selected boot mode (SW11-1: ON, SW11-2: ON, SW11-3: OFF) ● the SW_SD0_DEV_SEL is disabled (SW1-2: Selection SD/MMC is ON) and eMMC memory is not the selected boot mode (SW11-1: ON, SW11-2: OFF, SW11-3: OFF). This interface complies with the memory card standard version 3.0 and supports UHS-I mode of 50MB/s (SDR50) and 104MB/s (SDR104). Figure 2.14 Block Diagram of SD0 I/F SD0_CLK SD0_CMD SD0_DATA0 SD0_DATA1 SD0_DATA2 SD0_DATA3 SD0_PVDD SD0_CD SD0_PVDD RZ/G2UL, RZ/A3UL, RZ/Five RZ/G2UL, RZ/A3UL, RZ/Five RZ/A3UL SMARC Module Board OCTAL Edition RZ/A3UL SMARC Module Board QSPI Edition RZ/G2UL SMARC Module Board RZ/Five SMARC Module Board |