| データシートサーチシステム |
|
RZ/A データシート(PDF) 63 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RZ/A データシート(HTML) 63 Page - Renesas Technology Corp |
|
63 / 83 page ![]() RZ Family / RZ/G, RZ/A Series 3. Operation Specifications R01UH0990EJ0101 Rev.1.01 Page 63 of 83 Jul 28, 2022 3.1.4 SMARC edge Connector (CN4) The RTK9743U11C01000BE can be connected to an external expansion board through the Carrier board connecting connector (CN4). Figure 3.5 illustrates the layout of Carrier board connecting connector pins. For the assignment of Carrier board connecting connector pins, please refer to the section 4 “MODULE PIN-OUT MAP” of the document “SMARC module 2.1 Specification (sget.org)”. Figure 3.5 Layout of Carrier Board Connecting Pins |