データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW802B データシート(PDF) 14 Page - Agere Systems

部品番号 FW802B
部品情報  Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

FW802B データシート(HTML) 14 Page - Agere Systems

Back Button FW802B Datasheet HTML 10Page - Agere Systems FW802B Datasheet HTML 11Page - Agere Systems FW802B Datasheet HTML 12Page - Agere Systems FW802B Datasheet HTML 13Page - Agere Systems FW802B Datasheet HTML 14Page - Agere Systems FW802B Datasheet HTML 15Page - Agere Systems FW802B Datasheet HTML 16Page - Agere Systems FW802B Datasheet HTML 17Page - Agere Systems FW802B Datasheet HTML 18Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
14
Agere Systems Inc.
Data Sheet, Rev. 3
May 2004
Two-Cable Transceiver/Arbiter Device
FW802B Low-Power PHY IEEE 1394A-2000
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Table 2. Absolute Maximum Ratings
* Except for 5 V tolerant I/O (CTL0, CTL1, D0—D7, and LREQ) where VI max = 5.5 V.
Parameter
Symbol
Min
Max
Unit
Supply Voltage Range
VDD
3.0
3.6
V
Input Voltage Range *
VI
−0.5
VDD + 0.5
V
Output Voltage Range at Any Output
VO
−0.5
VDD + 0.5
V
Operating Free Air Temperature
TA
070
°C
Storage Temperature Range
Tstg
–65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com