データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW802B データシート(PDF) 16 Page - Agere Systems

部品番号 FW802B
部品情報  Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

FW802B データシート(HTML) 16 Page - Agere Systems

Back Button FW802B Datasheet HTML 12Page - Agere Systems FW802B Datasheet HTML 13Page - Agere Systems FW802B Datasheet HTML 14Page - Agere Systems FW802B Datasheet HTML 15Page - Agere Systems FW802B Datasheet HTML 16Page - Agere Systems FW802B Datasheet HTML 17Page - Agere Systems FW802B Datasheet HTML 18Page - Agere Systems FW802B Datasheet HTML 19Page - Agere Systems FW802B Datasheet HTML 20Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
16
Agere Systems Inc.
Data Sheet, Rev. 3
May 2004
Two-Cable Transceiver/Arbiter Device
FW802B Low-Power PHY IEEE 1394A-2000
Electrical Characteristics (continued)
Table 4. Driver Characteristics
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Differential Output Voltage
56
Ω load
VOD
172
265
mV
Off-state Common-mode Voltage
Drivers disabled
VOFF
——
20
mV
Driver Differential Current,
TPA+, TPA
−, TPB+, TPB−
Driver enabled,
speed signaling off*
* Limits are defined as the algebraic sum of TPA+ and TPA
− driver currents. Limits also apply to TPB+ and TPB− as the algebraic sum of driver
currents.
† Limits are defined as the absolute limit of each of TPB+ and TPB
− driver currents.
IDIFF
−1.05
1.05
mA
Common-mode Speed Signaling
Current, TPB+, TPB
200 Mbits/s speed
signaling enabled
ISP
−2.53
−4.84
mA
400 Mbits/s speed
signaling enabled
ISP
−8.1
−12.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com