データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FW802B データシート(PDF) 21 Page - Agere Systems

部品番号 FW802B
部品情報  Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AGERE [Agere Systems]
ホームページ  
Logo AGERE - Agere Systems

FW802B データシート(HTML) 21 Page - Agere Systems

Back Button FW802B Datasheet HTML 17Page - Agere Systems FW802B Datasheet HTML 18Page - Agere Systems FW802B Datasheet HTML 19Page - Agere Systems FW802B Datasheet HTML 20Page - Agere Systems FW802B Datasheet HTML 21Page - Agere Systems FW802B Datasheet HTML 22Page - Agere Systems FW802B Datasheet HTML 23Page - Agere Systems FW802B Datasheet HTML 24Page - Agere Systems FW802B Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Agere Systems Inc.
21
Data Sheet, Rev. 3
May 2004
Two-Cable Transceiver/Arbiter Device
FW802B Low-Power PHY IEEE 1394A-2000
Internal Register Configuration (continued)
Table 9. PHY Register Fields for the Cable Environment (continued)
Field
Size Type Power Reset Value
Description
Total_ports
4
r
2
The number of ports implemented by this PHY. This count
reflects the number.
Max_speed
3
r
0102
Indicates the speed(s) this PHY supports:
0002 = 98.304 Mbits/s
0012 = 98.304 and 196.608 Mbits/s
0102 = 98.304, 196.608, and 393.216 Mbits/s
0112 = 98.304, 196.608, 393.216, and 786.43 Mbits/s
1002 = 98.304, 196.608, 393.216, 786.432, and
1,572.864 Mbits/s
1012 = 98.304, 196.608, 393.216, 786.432, 1,572.864, and
3,145.728 Mbits/s
All other values are reserved for future definition.
Delay
4
r
0000
Worst-case repeater delay, expressed as 144 + (delay * 20) ns.
LCtrl
1
rw
1
Link Active. Cleared or set by software to control the value of
the L bit transmitted in the node’s self-ID packet 0, which will be
the logical AND of this bit and LPS active.
Contender
1
rw
See description.
Cleared or set by software to control the value of the C bit
transmitted in the self-ID packet. Powerup reset value is set by
C/LKON pin.
Jitter
3
r
000
The difference between the fastest and slowest repeater data
delay, expressed as (jitter + 1) * 20 ns.
Pwr_class
3
rw
See description.
Power-Class. Controls the value of the pwr field transmitted in
the self-ID packet. See Section 4.3.4.1 of IEEE Standard
1394a-2000 for the encoding of this field. PC0, PC1, and PC2
pins set up power reset value.
Watchdog
1
rw
0
When set to one, the PHY will set Port_event to one if resume
operations commence for any port.
ISBR
1
rw
0
Initiate Short (Arbitrated) Bus Reset. A write of one to this bit
instructs the PHY to set ISBR true and reset_time to
SHORT_RESET_TIME. These values in turn cause the PHY to
arbitrate and issue a short bus reset. This bit is self-clearing.
Loop
1
rw
0
Loop Detect. A write of one to this bit clears it to zero.
Pwr_fail
1
rw
1
Cable Power Failure Detect. Set to one when the PS bit
changes from one to zero. A write of one to this bit clears it to
zero.
Timeout
1
rw
0
Arbitration State Machine Timeout. A write of one to this bit
clears it to zero (see MAX_ARB_STATE_TIME).
Port_event
1
rw
0
Port Event Detect. The PHY sets this bit to one if any of con-
nected, bias, disabled, or fault change for a port whose
Int_enable bit is one. The PHY also sets this bit to one if
resume operations commence for any port and Watchdog is
one. A write of one to this bit clears it to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com