データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC244036 データシート(PDF) 20 Page - Microchip Technology

部品番号 AC244036
部品情報  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244036 データシート(HTML) 20 Page - Microchip Technology

Back Button AC244036 Datasheet HTML 16Page - Microchip Technology AC244036 Datasheet HTML 17Page - Microchip Technology AC244036 Datasheet HTML 18Page - Microchip Technology AC244036 Datasheet HTML 19Page - Microchip Technology AC244036 Datasheet HTML 20Page - Microchip Technology AC244036 Datasheet HTML 21Page - Microchip Technology AC244036 Datasheet HTML 22Page - Microchip Technology AC244036 Datasheet HTML 23Page - Microchip Technology AC244036 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 78 page
background image
Required Debug Headers
DS51292T-page 20
 2006-2012 Microchip Technology Inc.
AC162066
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify this debug header, use the following information.
Header Setup and Operation
For the PIC16F639 20-pin header, you will need to connect the jumper J3 as specified
below.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC162066
PIC16F636-ICD
02-01832
Tool
Jumper J3
Function
®
1-2
Run/program as production device
In-circuit debuggers,
next generation in-circuit emulators
2-3
Run/program as ICD device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78