データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AC244036 データシート(PDF) 38 Page - Microchip Technology

部品番号 AC244036
部品情報  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC244036 データシート(HTML) 38 Page - Microchip Technology

Back Button AC244036 Datasheet HTML 34Page - Microchip Technology AC244036 Datasheet HTML 35Page - Microchip Technology AC244036 Datasheet HTML 36Page - Microchip Technology AC244036 Datasheet HTML 37Page - Microchip Technology AC244036 Datasheet HTML 38Page - Microchip Technology AC244036 Datasheet HTML 39Page - Microchip Technology AC244036 Datasheet HTML 40Page - Microchip Technology AC244036 Datasheet HTML 41Page - Microchip Technology AC244036 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
Optional Debug Headers
DS51292T-page 38
 2006-2012 Microchip Technology Inc.
AC162065, AC244022
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation
For this header, there are no jumpers/switches. MPLAB IDE will use its selected device
to choose the correct device to emulate.
Test points are available on this header to check the following: VDD, VDDCORE and
ground.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figures below lists the dimensions for the debug headers. Dimensions are design
values in inches.
For this device family, header AC162065 will be sold until depleted. Then only header
AC244022 will remain as a Performance Pak.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
Header
ICE/ICD Device
Board Assembly Number
AC162065
PIC24FJ128GA010-ICE
02-01856
AC244022
02-01985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78