| データシートサーチシステム |
|
AC244036 データシート(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244036 データシート(HTML) 57 Page - Microchip Technology |
|
57 / 78 page ![]() Optional Debug Headers 2006-2012 Microchip Technology Inc. DS51292T-page 57 AC244043, AC244044 Header Identification The header AC number is used for ordering the header. However, this number is not on the debug header, as the board is often used for multiple headers by inserting dif- ferent ICE/ICD devices. To identify this debug header, use the following information. Header Setup and Operation For this header, there are no jumpers/switches. MPLAB IDE will use its selected device to choose the correct device to emulate. Header Limitations See the “Limitations” section in your debug tool online Help file for details. Header ICE/ICD Device Board Assembly Number AC244043 PIC16F1829-ICE 02-02208 AC244044 PIC16LF1829-ICE |