| データシートサーチシステム |
|
AC244036 データシート(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC244036 データシート(HTML) 68 Page - Microchip Technology |
|
68 / 78 page ![]() DS51292T-page 68 2006-2012 Microchip Technology Inc. SIL OPTIONAL CONNECTION Debug headers with 6- and 8-pin SIL connectors have an additional unpopulated con- nector available for customer use. This connector has the same pinout as the SIL con- nector. Solder wires to access individual pins or attach an entire vertical connector. FIGURE 6: SIL OPTIONAL CONNECTION MODULAR-TO-SIL ADAPTER To adapt a 6-pin modular connector to an 8-pin SIL (Single In-Line) connector, you can use this adapter. You can also use this adapter for a 6-pin modular connector to an 6-pin SIL connector. In either case, line up pin 1 of J1 with pin 1 of the 6- or 8-pin header connector. FIGURE 7: MODULAR-TO-SIL ADAPTER CONNECTION SIL Connector Optional Connector Modular Connector SIL Connector ICRST VDD ICDT ICCK NC 1 2 3 4 5 6 J2 J1 1 2 3 4 5 6 7 8 ICDT ICCK TP1 USD0 TP2 USCK 6- or 8-Pin Header Connector From Tool TOP 1 1 J1 J2 TOP TOP NC ICRST VDD |