データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILD620 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 ILD620
部品情報  Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD620 データシート(HTML) 4 Page - Vishay Siliconix

  ILD620_V01 Datasheet HTML 1Page - Vishay Siliconix ILD620_V01 Datasheet HTML 2Page - Vishay Siliconix ILD620_V01 Datasheet HTML 3Page - Vishay Siliconix ILD620_V01 Datasheet HTML 4Page - Vishay Siliconix ILD620_V01 Datasheet HTML 5Page - Vishay Siliconix ILD620_V01 Datasheet HTML 6Page - Vishay Siliconix ILD620_V01 Datasheet HTML 7Page - Vishay Siliconix ILD620_V01 Datasheet HTML 8Page - Vishay Siliconix ILD620_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ILD620, ILD620GB, ILQ620, ILQ620GB
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 12-Apr-13
4
Document Number: 83653
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test According to
DIN EN 60747-5-2 (VDE 0884); IEC 60747-5-5
Tsi - Safety Temperature (°C)
0
50
100
150
200
250
300
350
400
450
0
25
50
75
100
125
150
175
Phototransistor
Pso (mW)
IR-diode
Isi (mA)
t
13930
t1, t2 = 1 s to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
Vpd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
On time
IF = ± 10 mA, VCC = 5 V,
RL = 75 , 50 % of VPP
ton
3μs
Rise time
IF = ± 10 mA, VCC = 5 V,
RL = 75 , 50 % of VPP
tr
20
μs
Off time
IF = ± 10 mA, VCC = 5 V,
RL = 75 , 50 % of VPP
toff
2.3
μs
Fall time
IF = ± 10 mA, VCC = 5 V,
RL = 75 , 50 % of VPP
tf
2μs
Propagation H to L
IF = ± 10 mA, VCC = 5 V,
RL = 75 , 50 % of VPP
tPHL
1.1
μs
Propagation L to H
IF = ± 10 mA, VCC = 5 V,
RL = 75 , 50 % of VPP
tPLH
2.5
μs
SATURATED
On time
IF = ± 10 mA, VCC = 5 V,
RL = 1 k, VTH = 1.5 V,
ton
4.3
μs
Rise time
IF = ± 10 mA, VCC = 5 V,
RL = 1 k, VTH = 1.5 V,
tr
2.8
μs
Off time
IF = ± 10 mA, VCC = 5 V,
RL = 1 k, VTH = 1.5 V,
toff
2.5
μs
Fall time
IF = ± 10 mA, VCC = 5 V,
RL = 1 k, VTH = 1.5 V,
tf
11
μs
Propagation H to L
IF = ± 10 mA, VCC = 5 V,
RL = 1 k, VTH = 1.5 V,
tPHL
2.6
μs
Propagation L to H
IF = ± 10 mA, VCC = 5 V,
RL = 1 k, VTH = 1.5 V,
tPLH
7.2
μs



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com