データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ILD620 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 ILD620
部品情報  Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILD620 データシート(HTML) 1 Page - Vishay Siliconix

  ILD620_V01 Datasheet HTML 1Page - Vishay Siliconix ILD620_V01 Datasheet HTML 2Page - Vishay Siliconix ILD620_V01 Datasheet HTML 3Page - Vishay Siliconix ILD620_V01 Datasheet HTML 4Page - Vishay Siliconix ILD620_V01 Datasheet HTML 5Page - Vishay Siliconix ILD620_V01 Datasheet HTML 6Page - Vishay Siliconix ILD620_V01 Datasheet HTML 7Page - Vishay Siliconix ILD620_V01 Datasheet HTML 8Page - Vishay Siliconix ILD620_V01 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ILD620, ILD620GB, ILQ620, ILQ620GB
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 12-Apr-13
1
Document Number: 83653
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, AC Input
(Dual, Quad Channel)
DESCRIPTION
The ILD620, ILQ620, ILD620GB, and ILQ620GB are
multi-channel input phototransistor optocouplers that use
inverse parallel GaAs IRLED emitter and high gain NPN
silicon phototransistors per channel. These devices are
constructed using over/under leadframe optical coupling
and double molded insulation resulting in a withstand test
voltage of 5300 VRMS.
The LED parameters and the linear CTR characteristics
make these devices well suited for AC voltage detection.
The ILD620GB and ILQ620GB with its low IF guaranteed
CTRCEsat minimizes power dissipation of the AC voltage
detection network that is placed in series with the LEDs.
Eliminating the phototransistor base connection provides
added electrical noise immunity from the transients found in
many industrial control environments.
FEATURES
• Identical channel to channel footprint
• ILD620 crosses to TLP620-2
• ILQ620 crosses to TLP620-4
• High collector emitter voltage, BVCEO = 70 V
• Dual and quad packages feature:
- Reduced board space
- Lower pin and parts count
- Better channel to channel CTR match
- Improved common mode rejection
• Isolation test voltage 5300 VRMS
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E52744 system code H, double protection
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884)
•FIMKO
• CQC GB4943.1-2011 and GB8898:2011 (suitable for
installation altitude below 2000 m)
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes, do not put T on the end.
E
C
C
E
1
2
3
4
8
7
6
5
A/C
A/C
A/C
A/C
E
C
C
E
E
C
C
E
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A/C
A/C
A/C
A/C
A/C
A/C
A/C
A/C
V
DE
Dual Channel
Quad Channel
ORDERING INFORMATION
I
L
x6
20x
x
-
X
0
##
T
PART NUMBER
x = D (Dual) or Q (Quad)
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
DUAL CHANNEL
QUAD CHANNEL
CTR (%)
UL, cUL, FIMKO
50 to 600
100 to 600
50 to 600
100 to 600
DIP-8
ILD620
ILD620GB
-
-
SMD-8, option 7
ILD620-X007T (1)
---
SMD-8, option 9
ILD620-X009T (1)
ILD620GB-X009T (1)
--
DIP-16
-
-
ILQ620
ILQ620GB
SMD-16, option 7
-
-
ILQ620-X007
-
SMD-16, option 9
-
-
ILQ620-X009T (1)
ILQ620GB-X009T (1)
VDE, UL, cUL, FIMKO
50 to 600
100 to 600
50 to 600
100 to 600
DIP-16
-
-
ILQ620-X001
-
SMD-16, option 9
-
-
ILQ620-X019T (1)
-
> 0.1 mm
> 0.7 mm
7.62 mm
DIP
Option 7
Option 9


同様の部品番号 - ILD620_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ILD620 VISHAY-ILD620_V02 Datasheet
183Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
More results

同様の説明 - ILD620_V01

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IDL620 VISHAY-IDL620 Datasheet
173Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
26-Apr-04
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
Optocoupler, Phototransistor Output (Dual, Quad Channel)
05-Nov-04
ILD256T VISHAY-ILD256T Datasheet
125Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, AC Input
20-Apr-07
TCET2600 VISHAY-TCET2600_07 Datasheet
170Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
07-Dec-07
ILD620GB-X009T VISHAY-ILD620GB-X009T Datasheet
181Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
ILD256T VISHAY-ILD256T_V01 Datasheet
551Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, AC Input
20-Apr-07
TCET4600 VISHAY-TCET4600 Datasheet
170Kb / 8P
Optocoupler, Phototransistor Output, AC Input (Quad Channel)
22-Apr-2021
ILD256T VISHAY-ILD256T_V02 Datasheet
551Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel, AC Input
20-Apr-07
ILD620 VISHAY-ILD620_V02 Datasheet
183Kb / 9P
Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
12-Apr-13
TCET4600 VISHAY-TCET4600_V01 Datasheet
170Kb / 8P
Optocoupler, Phototransistor Output, AC Input (Quad Channel)
22-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com