データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STMPE812BJR データシート(PDF) 46 Page - STMicroelectronics

部品番号 STMPE812BJR
部品情報  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812BJR データシート(HTML) 46 Page - STMicroelectronics

Back Button STMPE812BJR Datasheet HTML 42Page - STMicroelectronics STMPE812BJR Datasheet HTML 43Page - STMicroelectronics STMPE812BJR Datasheet HTML 44Page - STMicroelectronics STMPE812BJR Datasheet HTML 45Page - STMicroelectronics STMPE812BJR Datasheet HTML 46Page - STMicroelectronics STMPE812BJR Datasheet HTML 47Page - STMicroelectronics STMPE812BJR Datasheet HTML 48Page - STMicroelectronics STMPE812BJR Datasheet HTML 49Page - STMicroelectronics STMPE812BJR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 51 page
background image
Package mechanical section
STMPE812
46/51
Doc ID 17732 Rev 3
Figure 11.
Tape information
Table 24.
Tape specifications
Symbol
Millimeters
Min
Typ
Max
Ao
1.78
1.83
1.88
Bo
2.34
2.29
2.34
Ko
0.68
0.73
0.78
F
3.453.503.55
E
1.651.751.85
W
7.908.008.30
P2
1.95
2.00
2.05
Po
3.90
4.00
4.10
10Po
39.80
40.00
40.20
Do
1.50
1.55
1.60
T
0.185
0.200
0.215
P
3.904.004.10
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51