| データシートサーチシステム |
|
STMPE812BJR データシート(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE812BJR データシート(HTML) 22 Page - STMicroelectronics |
|
22 / 51 page ![]() Interrupt system STMPE812 22/51 Doc ID 17732 Rev 3 ISR Interrupt status register Address: 0x0A Type: R Reset: 0x00 Description: ISR register monitors the status of the interruption from a particular interrupt source to the host. Regardless whether the INT_EN bits are enabled, the ISR bits are still updated. Writing to this register has no effect. Reading the register clears any asserted bit Implementation: A shadow register MUST be used to ensure that Read+Clear action DOES NOT clear up any bit that is not READ. Note: Reading the Interrupt Enable Register also clears the ISR. It is recommended that no read operation on IER to be executed during normal operation. IER should only be accessed during initialization. In PEN_DOWN interrupt mode, this status register is still updated with event interrupt status data, and cleared on read. However no interrupt is issued based on this status register. 7 6 543 2 1 0 TSC_ERR TSC_RELEASE P3 P2 P1 P0 TSC_DATA TSC_TOUCH 0 0 000 0 0 0 [7] TSC_ERR Error encountered in coordinate calculation in TSC, or touch detect not valid after sampling [6] TSC_RELEASE: Release of touch is detected [5] P3 Port 3 activity (GPIO) [4] P2 Port 2 activity (GPIO) [3] P1 Port 1 activity (GPIO/ADC/PWM) [2] P0 Port 0 activity (GPIO/ADC) [1] TSC_DATA Touch data available. In internal timer and host-read controlled mode, this bit can only be cleared after the data has been read by the host. In ACQ mode, this bit is cleared after the data or the ISR is read by the host. [0] TSC_TOUCH Touch is detected. (In PEN-DOWN interrupt mode, this bit is never cleared until pen is removed) Obsolete Product(s) - Obsolete Product(s) |