| データシートサーチシステム |
|
STMPE812BJR データシート(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE812BJR データシート(HTML) 14 Page - STMicroelectronics |
|
14 / 51 page ![]() Power modes STMPE812 14/51 Doc ID 17732 Rev 3 Figure 6. Power modes state diagram On power up reset, the device goes to active state. However, as all the functional blocks are clocked off by default, no touch/hotkey activity is possible. If there are no I2C activities, device goes into auto-hibernate mode automatically. The auto-hibernate feature of STMPE812 is always enabled. Whenever there is a period of inactivity, the device enters this mode to reduce power consumption. On detection a touch, correctly addressed I2C data, GPIO activity, the device wakes up immediately. As the device is able to wake up very quickly, there is no loss of touch data. ACTIVE AUTO - HIBERNATE I2C activity, Touch, Hotkey No activity POR Soft -Reset, Reset input Reset Input STMPE812 is in active mode if PWM is running (about 33 μs) Obsolete Product(s) - Obsolete Product(s) |