| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 140 Page - STMicroelectronics |
|
140 / 278 page ![]() Serial interfaces STM32W108HB STM32W108CC STM32W108CB STM32W108CZ 140/278 Doc ID 16252 Rev 14 9.12 Serial controller: Direct memory access (DMA) registers 9.12.1 Serial controller receive DMA begin address channel A register (SCx_DMARXBEGADDAR) Address offset: 0xC800 (SC1_DMARXBEGADDAR) and 0xC000 (SC2_DMARXBEGADDAR) Reset value: 0x2000 0000 Reserved, must be kept at reset value ADD[12:0]: DMA receive buffer A start address 9.12.2 Serial controller receive DMA end address channel A register (SCx_DMARXENDADDAR) Address offset: 0xC804 (SC1_DMARXENDADDAR) and 0xC004 (SC2_DMARXENDADDAR) Reset value: 0x0000 0000 Reserved, must be kept at reset value ADD[12:0]: 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] Address of the last byte that is written in the DMA receive buffer A. |