| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 142 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 142 Page - STMicroelectronics |
|
142 / 278 page ![]() Serial interfaces STM32W108HB STM32W108CC STM32W108CB STM32W108CZ 142/278 Doc ID 16252 Rev 14 9.12.5 Serial controller transmit DMA begin address channel A register (SCx_DMATXBEGADDAR) Address offset: 0xC810 (SC1_DMATXBEGADDAR) and 0xC010 (SC2_DMATXBEGADDAR) Reset value: 0x2000 0000 Reserved, must be kept at reset value ADD[12:0]: DMA transmit buffer A start address 9.12.6 Serial controller transmit DMA end address channel A register (SCx_DMATXENDADDAR) Address offset: 0xC814 (SC1_DMATXENDADDAR) and 0xC014 (SC2_DMATXENDADDAR) Reset value: 0x2000 0000 Reserved, must be kept at reset value ADD[12:0]: Address of the last byte that is read from the DMA transmit buffer A 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Reserved ADD[12:0] rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:13] Bits [12:0] |