データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CCE4503 データシート(PDF) 6 Page - Renesas Technology Corp

部品番号 CCE4503
部品情報  IO-Link Device IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CCE4503 データシート(HTML) 6 Page - Renesas Technology Corp

Back Button CCE4503 Datasheet HTML 2Page - Renesas Technology Corp CCE4503 Datasheet HTML 3Page - Renesas Technology Corp CCE4503 Datasheet HTML 4Page - Renesas Technology Corp CCE4503 Datasheet HTML 5Page - Renesas Technology Corp CCE4503 Datasheet HTML 6Page - Renesas Technology Corp CCE4503 Datasheet HTML 7Page - Renesas Technology Corp CCE4503 Datasheet HTML 8Page - Renesas Technology Corp CCE4503 Datasheet HTML 9Page - Renesas Technology Corp CCE4503 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
CCE4503 Datasheet
R15DS0024ED0204 Rev.2.5
Jan 25, 2023
Page 6
3.
Characteristics
3.1
Absolute Maximum Ratings
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
Parameter
Conditions
Name
Min
Max
Unit
Supply Voltage
Static, referenced to VL-
VL+ - VL-
-40
40
V
Supply Voltage
Dynamic (t
≤ 100 µs)
VL+ - VL-_pulse
-42
42
V
Operating Temperature
Ambient temperature
Tamb
-40
+125
°C
Storage Temperature
Tstorage
-55
+175
°C
Junction Temperature
Tj
-40
+150
°C
Voltage at pin CQ
Referenced to VL-: VCQ - VL-
VCQ,max
VL-
VL+
V
Voltage at all other pins
Referenced to VL-
VIOmax
-0.7
VDD + 0.7
V
Logic Level Supply
Voltage
VDDmax
6
V
Output current
At pin RXD, NWUP, NERR
IOutMax
-5
5
mA
3.2
ESD Ratings
ESD Model/Test
Rating
Unit
Human Body Model (Tested per JS-001-2012 HBM)
4 (81)
kV
ESD Contact Discharge (Tested per IEC61000-4-2)2
16
kV
Electrical Fast Transient (Burst) (Tested per IEC61000-4-4) 3
TBD
kV
Surge (Tested per IEC61000-4-5, adapted to 500
Ω 1.2/50 μs)4
0.8 (55)
kV
Latch-Up (Tested per JESD78E; Class 1 & 2)
100
mA
1 Higher Rating for L+, L- and CQ
2 Valid for L+, L- and CQ
3 Valid for L+, L- and CQ
4 Valid for L+, L- and CQ; 100 nF between L+ and L-, 1 µF between VDD and GND
5 Up to 5 kV with TVS Diodes (e.g. SMAJ33A) connected between L+, L- and CQ (higher Voltages have not
been tested)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com