データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CCE4503 データシート(PDF) 10 Page - Renesas Technology Corp

部品番号 CCE4503
部品情報  IO-Link Device IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CCE4503 データシート(HTML) 10 Page - Renesas Technology Corp

Back Button CCE4503 Datasheet HTML 6Page - Renesas Technology Corp CCE4503 Datasheet HTML 7Page - Renesas Technology Corp CCE4503 Datasheet HTML 8Page - Renesas Technology Corp CCE4503 Datasheet HTML 9Page - Renesas Technology Corp CCE4503 Datasheet HTML 10Page - Renesas Technology Corp CCE4503 Datasheet HTML 11Page - Renesas Technology Corp CCE4503 Datasheet HTML 12Page - Renesas Technology Corp CCE4503 Datasheet HTML 13Page - Renesas Technology Corp CCE4503 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
CCE4503 Datasheet
R15DS0024ED0204 Rev.2.5
Jan 25, 2023
Page 10
4.1
Output Stage
The output stage switches the output transistors in regard to TXD and TXEN. In IO-Link mode or Push-Pull
mode TXEN is used to enable or disable the output stage. If TXEN is set high, the output stage is enabled and
the output of CQ can be controlled by TXD (inverted). If TXEN is set low, the output stage is disabled and put
into an inactive low-power state.
TXEN and TXD can also be used to configure the device in NPN, PNP and Push-Pull mode. See Table 1. NPN
mode can be configured by setting TXD high and using TXEN as control pin. PNP mode can be configured by
setting TXD low and using TXEN as control pin.
Table 1. Output stage truth table
Mode
TXEN
TXD
CQ
IO-Link
(regular operation)
/ Push-Pull
0
0
High-Z
0
1
High-Z
1
0
1
1
1
0
NPN
0
1
High-Z
1
1
0
PNP
0
0
High-Z
1
0
1
4.2
Current limit and slew rate configuration
The driver slew rate as well as the current limit is configured by a resistor RILIM connected to ILIM. The value of
the resistor intended for configuration is specified between 0
Ω and 100 kΩ, where a lower resistor value leads to
faster switching and higher maximum currents. The automatic recovery function is only available for RILIM < 1
M
Ω.
Table 2: Current limit and slew rate configuration
Resistor
Current limit
Slew rate
Automatic recovery
0
Ω - 100 kΩ
350 mA - 50 mA
Fast - slow
Yes
Open (RILIM > 4 M
Ω)
350 mA
Fast
No
Note: If ILIM is left open (RILIM > 4 MΩ) the output driver operates as if connected to VSS (RILIM = 0 Ω), but with
automatic recovery disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com