データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CCE4503 データシート(PDF) 7 Page - Renesas Technology Corp

部品番号 CCE4503
部品情報  IO-Link Device IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CCE4503 データシート(HTML) 7 Page - Renesas Technology Corp

Back Button CCE4503 Datasheet HTML 3Page - Renesas Technology Corp CCE4503 Datasheet HTML 4Page - Renesas Technology Corp CCE4503 Datasheet HTML 5Page - Renesas Technology Corp CCE4503 Datasheet HTML 6Page - Renesas Technology Corp CCE4503 Datasheet HTML 7Page - Renesas Technology Corp CCE4503 Datasheet HTML 8Page - Renesas Technology Corp CCE4503 Datasheet HTML 9Page - Renesas Technology Corp CCE4503 Datasheet HTML 10Page - Renesas Technology Corp CCE4503 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CCE4503 Datasheet
R15DS0024ED0204 Rev.2.5
Jan 25, 2023
Page 7
3.3
Recommended Operating Conditions
Parameter
Conditions
Pin
Name
Min
Typ
Max
Unit
Main Supply Voltage
7, 9
VL+
7
36
V
Supply Voltage Ripple
Fripple
= DC … 100kHz
VL+ > 12 V
9
∆VL+
1
V
Voltage CQ
Receiver mode
8
VCQ_MAX
VL-
VL+
V
Logic Level Supply
Voltage
External Supply
1
VDD
3
5.5
V
LDO Output Current
3.3V LDO or 5V LDO,
VL+
≤ 24V
1
IVDD
20
mA
ILIM External Resistor
To L-
6
RILIM
0
100
LDO External Capacitor
To L-
1
CLDO
0.8
1
1.2
µF
3.4
Electrical Characteristics
3.4.1.
Input / Output CQ
Parameter
Conditions
Pin
Name
Min
Typ
Max
Unit
Output voltage low level
active pull down,
IOL=-200mA
8
VOL
0
1.5
V
Output voltage high level
active pull up,
IOH=+200mA
8
VOH
VL+ - 1.5
VL+
V
Leakage current
input enabled
0 ≤ VCQ ≤ VL+ - 0.1 V
8
Ileak
-2
2
µA
Maximum Permanent
Output Current
Current of CQ channel
8
ICQmax
-250
250
mA
Output source current
limit
RILIM = 0 or hZ
RILIM = 100 kΩ
8
IlimP
300
35
350
50
400
70
mA
Output sink current limit
RILIM = 0 or hZ
RILIM = 100 kΩ
8
IlimN
-400
-70
-350
-50
-300
-35
mA
Load capacitance
8
CL
5
nF
Inductive load
8
LLoad
1.5
H
Output rise/fall time (20%
to 80%)
Open load, RILIM = 0 or
hZ
8
tr,f
869
ns
Switch On Time
8
tDLY_LH
4
µs
Switch Off Time
8
tDLY_HL
4
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com