データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN250QT データシート(PDF) 6 Page - STMicroelectronics

部品番号 SN250QT
部品情報  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT データシート(HTML) 6 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 2Page - STMicroelectronics SN250QT Datasheet HTML 3Page - STMicroelectronics SN250QT Datasheet HTML 4Page - STMicroelectronics SN250QT Datasheet HTML 5Page - STMicroelectronics SN250QT Datasheet HTML 6Page - STMicroelectronics SN250QT Datasheet HTML 7Page - STMicroelectronics SN250QT Datasheet HTML 8Page - STMicroelectronics SN250QT Datasheet HTML 9Page - STMicroelectronics SN250QT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 130 page
background image
Order codes
SN250
6/130
2
Order codes
3
Pin assignment
Figure 1.
SN250 pin assignment
Refer to Table 17 and Table 18 for selecting alternate pin functions.
Part Number
Temperature Range
Package
Packing
Marking
SN250Q
-40 to +85°C
QFN48
Tray
SN250
SN250QT
-40 to +85°C
QFN48
Tape & Reel
SN250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More