| データシートサーチシステム |
|
SN250QT データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN250QT データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 130 page ![]() SN250 Functional description—application modules 37/130 GPIO_SETL [0x470A] GPIO_CLRH [0x470C] GPIO_CLRL [0x470E] 15 0-W 14 0-W 13 0-W 12 0-W 11 0-W 10 0-W 9 0-W 8 0-W GPIO_SETL GPIO_SETL 0-W 7 0-W 6 0-W 5 0-W 4 0-W 3 0-W 2 0-W 1 0-W 0 GPIO_SETL [15:0] Set the output level of GPIO[15:0] pins. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_OUTL to become 1. 15 0-R 14 0-R 13 0-R 12 0-R 11 0-R 10 0-R 9 0-R 8 0-R 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0GPIO_CLRH 0-R 7 0-R 6 0-R 5 0-R 4 0-R 3 0-R 2 0-R 1 0-W 0 GPIO_CLRH [0] Clear the output level of GPIO[16] pin. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_OUTH to become 0. 15 0-W 14 0-W 13 0-W 12 0-W 11 0-W 10 0-W 9 0-W 8 0-W GPIO_CLRL GPIO_CLRL 0-W 7 0-W 6 0-W 5 0-W 4 0-W 3 0-W 2 0-W 1 0-W 0 GPIO_CLRL [15:0] Clear the output level of GPIO[15:0] pins. Only writing ones into this register will have an effect. Any bit that has one written to it will cause the corresponding bit in GPIO_OUTL to become 0. |