データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN250QT データシート(PDF) 34 Page - STMicroelectronics

部品番号 SN250QT
部品情報  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250QT データシート(HTML) 34 Page - STMicroelectronics

Back Button SN250QT Datasheet HTML 30Page - STMicroelectronics SN250QT Datasheet HTML 31Page - STMicroelectronics SN250QT Datasheet HTML 32Page - STMicroelectronics SN250QT Datasheet HTML 33Page - STMicroelectronics SN250QT Datasheet HTML 34Page - STMicroelectronics SN250QT Datasheet HTML 35Page - STMicroelectronics SN250QT Datasheet HTML 36Page - STMicroelectronics SN250QT Datasheet HTML 37Page - STMicroelectronics SN250QT Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
Functional description—application modules
SN250
34/130
Table 18.
GPIO pin functions
GPIO
Pin
Always
Connected
Input
Functions
Timer Functions
Serial Digital Functions
Analog
Function
Output
Current
Drive
0
IO
TMR1IA.1 (when CAP1-0 mode)
MOSI
Standard
1
IO
TMR2IA.2 (when CAP2-1 mode)
MISO / SDA
Standard
2
IO
TMR2IB.2 (when CAP2-1 mode)
MSCLK / SCL
Standard
3
IO
TMR1IB.1 (when CAP1-0 mode)
nSSEL (input)
Standard
4
IO
PTI_EN
ADC0 input
Standard
5
IO
PTI_DATA
ADC1 input
Standard
6
IO
TMR2CLK, TMR1ENMSK
ADC2 input
Standard
7IO
REG_EN (open collector
enable for external
regulator)
ADC3 input
Standard
8
IO / IRQA
TMR1CLK, TMR2ENMSK
VREF_OUT
Standard
9IO
TMR1IA.2
(when CAP1-1 or CAP1-1h mode)
TXD / MO / MSDA
Standard
10
IO
TMR1IB.2 (when CAP1-1 mode) RXD / MI / MSCL
Standard
11
IO
TMR2IA.1 (when CAP2-0 mode) nCTS / MCLK
Standard
12
IO
TMR2IB.1 (when CAP2-0 mode) nRTS
Standard
13
IO
TMR2OA
TMR1IA.3
(when CAP1-2h or CAP1-2 mode)
High
14
IO / IRQB
TMR2OB
TMR1IB.3 (when CAP1-2 mode)
High
15
IO / IRQC
TMR1OA
TMR2IA.3 (when CAP2-2 mode)
High
16
IO / IRQD
TMR1OB
TMR2IB.3 (when CAP2-2 mode)
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More