データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC908EY16 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 MC68HC908EY16
部品情報  Semiconductor Products Sector Product Summary Rev 1.0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC908EY16 データシート(HTML) 3 Page - NXP Semiconductors

  MC68HC908EY16 Datasheet HTML 1Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 2Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 3Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 4Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 5Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 6Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 7Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 8Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Product Summary
MC68HC908EY16 Product Summary – Rev 1.0
Motorola
Features
3
Low voltage inhibit (LVI) module with software selectable trip
points for 5V and 3V operation.
Internal clock generator module (ICG)
Two 16-bit, 2-channel timer (TIMA and TIMB) interface modules
with selectable input capture, output compare, and pulse-width
modulation (PWM) capability on each channel
8-channel, 10-bit successive approximation analog-to-digital
converter (ADC)
Enhanced serial communications interface module (ESCI) for
local interconnect network (LIN) connectivity
Serial peripheral interface (SPI)
Timebase Module (TBM)
5-bit keyboard interrupt (KBI) with wakeup feature
24 general-purpose input/output (I/O) pins
External asynchronous interrupt pin with internal pullup (IRQB)
System protection features:
Optional computer operating properly (COP) reset
Illegal opcode detection with reset
Illegal address detection with reset
32-pin quad flat pack (QFP) package
Low-power design; fully static with stop and wait modes
Internal pullups on IRQB and RSTB to reduce customer system
cost
Standard low-power modes of operation:
Wait mode
Stop mode
Master reset pin (RSTB) and power-on reset (POR)
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the FLASH difficult for unauthorized users.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com