データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC908EY16 データシート (PDF) - NXP Semiconductors

MC68HC908EY16 Datasheet PDF - NXP Semiconductors
部品番号 MC68HC908EY16
ダウンロード  MC68HC908EY16 ダウンロード
ファイルサイズ   391.68 Kbytes
ページ   12 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 Semiconductor Products Sector Product Summary Rev 1.0

MC68HC908EY16 Datasheet (PDF)

Go To PDF Page ダウンロード データシート
MC68HC908EY16 Datasheet PDF - NXP Semiconductors

部品番号 MC68HC908EY16
ダウンロード  MC68HC908EY16 Click to download

ファイルサイズ   391.68 Kbytes
ページ   12 Pages
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors
部品情報 Semiconductor Products Sector Product Summary Rev 1.0

MC68HC908EY16 データシート (HTML) - NXP Semiconductors


MC68HC908EY16 製品詳細

Features
For convenience, features have been organized to reflect:
• Standard features of the MC68HC908EY16
• Features of the CPU08
Standard features of the MC68HC908EY16 include:
• High-performance M68HC08 architecture optimized for
C-compilers
• Fully upward-compatible object code with M6805, M146805, and
M68HC05 Families
• 8-MHz internal bus frequency at 5V, 4MHZ at 3V
• Internal oscillator requiring no external components:
– Software selectable bus frequencies
– 25 percent accuracy with trim capability to 2 percent
– Clock monitor
– Option to allow use of external clock source or external
crystal/ceramic resonator
• 15,872 bytes of on-chip FLASH memory with in-circuit
programming
• FLASH program memory security1
• 512 bytes of on-chip random-access memory (RAM)
• Low voltage inhibit (LVI) module with software selectable trip
points for 5V and 3V operation.
• Internal clock generator module (ICG)
• Two 16-bit, 2-channel timer (TIMA and TIMB) interface modules
with selectable input capture, output compare, and pulse-width
modulation (PWM) capability on each channel
• 8-channel, 10-bit successive approximation analog-to-digital
converter (ADC)
• Enhanced serial communications interface module (ESCI) for
local interconnect network (LIN) connectivity
• Serial peripheral interface (SPI)
• Timebase Module (TBM)
• 5-bit keyboard interrupt (KBI) with wakeup feature
• 24 general-purpose input/output (I/O) pins
• External asynchronous interrupt pin with internal pullup (IRQB)
• System protection features:
– Optional computer operating properly (COP) reset
– Illegal opcode detection with reset
– Illegal address detection with reset
• 32-pin quad flat pack (QFP) package
• Low-power design; fully static with stop and wait modes
• Internal pullups on IRQB and RSTB to reduce customer system
cost
• Standard low-power modes of operation:
– Wait mode
– Stop mode
• Master reset pin (RSTB) and power-on reset (POR)
• BREAK module (BRK) to allow single breakpoint setting during
in-circuit debugging
• Higher current source capability on nine port lines for LED drive
(PTA6/SS, PTA5/SPSCK, PTA4/KDB4, PTA3/KBD3,
PTA2/KBD2, PTA1/KBD1, PTA0/KBD0, PTC1/MOSI, and
PTC0/MISO)
Features of the CPU08 include:
• Enhanced HC05 programming model
• Extensive loop control functions
• 16 addressing modes (eight more than the HC05)
• 16-bit index register and stack pointer
• Memory-to-memory data transfers
• Fast 8 × 8 multiply instruction
• Fast 16 ÷ 8 divide instruction
• Binary-coded decimal (BCD) instructions
• Optimization for controller applications
• Third party C language support




同様の部品番号 - MC68HC908EY16

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC68HC908EY16 MOTOROLA-MC68HC908EY16 Datasheet
2Mb / 416P
Microcontrollers
logo
Freescale Semiconductor...
MC68HC908EY16 FREESCALE-MC68HC908EY16 Datasheet
1Mb / 278P
M68HC08 Microcontrollers
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
M68HC08 Microcontrollers
MC68HC908EY16A FREESCALE-MC68HC908EY16A Datasheet
3Mb / 292P
a member of the low-cost, high-performance M68HC08 Family of 8-bit
logo
Motorola, Inc
MC68HC908EY16CFA MOTOROLA-MC68HC908EY16CFA Datasheet
2Mb / 416P
Microcontrollers
More results


同様の説明 - MC68HC908EY16

メーカー部品番号データシート部品情報
logo
Mitel Networks Corporat...
MB6010 MITEL-MB6010 Datasheet
8Kb / 2P
Product Summary Prototyping Kits
logo
Motorola, Inc
EB346 MOTOROLA-EB346 Datasheet
246Kb / 6P
Semiconductor Products Sector Engineering Bulletin
logo
Maxim Integrated Produc...
DS1204 MAXIM-DS1204 Datasheet
22Kb / 6P
Rev F1 Dallas Semiconductor
05/27/2004 Rev F1
logo
CML Microcircuits
EV6000 CMLMICRO-EV6000 Datasheet
431Kb / 18P
CML Semiconductor Products
logo
Toshiba Semiconductor
TC58NVG3S0FTA00 TOSHIBA-TC58NVG3S0FTA00 Datasheet
39Kb / 1P
Semiconductor & Storge Products Company
logo
Rohm
BU9435KV-E2 ROHM-BU9435KV-E2 Datasheet
173Kb / 4P
PRODUCTS SEMICONDUCTOR LSI
logo
List of Unclassifed Man...
P1013NXN2LFB ETC2-P1013NXN2LFB Datasheet
75Kb / 1P
Product Summary Page
logo
Toshiba Semiconductor
TX58TEGXDDKTAX0 TOSHIBA-TX58TEGXDDKTAX0 Datasheet
2Mb / 121P
Semiconductor & Storage Products
2013-07-10 Rev. 0.6
logo
NXP Semiconductors
BDMTECHSUM NXP-BDMTECHSUM Datasheet
218Kb / 3P
BDM Multilink Rev B Technical Summary
Version 1.2
logo
Guangdong Youtai Semico...
BSO615NG UMW-BSO615NG Datasheet
313Kb / 8P
PRODUCT SUMMARY
More results




NXP Semiconductors について


NXP Semiconductorsは、自動車、産業、通信、消費者市場など、さまざまなアプリケーション向けの幅広い半導体および統合サーキットを設計、開発、製造する公開された多国籍企業です。

同社は2006年に設立され、オランダのアインドホーフェンに本社を置いています。

NXPは、マイクロコントローラー、マイクロプロセッサ、セキュア認証IC、電源管理ICS、RFおよびマイクロ波コンポーネント、センサーソリューションなど、製品の幅広いポートフォリオを提供します。

同社の製品は、エネルギー効率が高く、安全で、信頼性が高いように設計されており、自動車システム、産業用自動化と制御、スマートホームと建物、接続されたデバイスなど、さまざまなアプリケーションで使用されています。

NXPはイノベーションと顧客満足度に専念しており、ニーズを満たすために顧客に最適な半導体ソリューションを提供することに取り組んでいます。

*この情報はあくまでも一般的な情報であり、上記の情報によって生じたいかなる損失や損害についても責任を負うものではありません。




リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com