データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68HC908EY16 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 MC68HC908EY16
部品情報  Semiconductor Products Sector Product Summary Rev 1.0
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68HC908EY16 データシート(HTML) 7 Page - NXP Semiconductors

Back Button MC68HC908EY16 Datasheet HTML 3Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 4Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 5Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 6Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 7Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 8Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 9Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 10Page - NXP Semiconductors MC68HC908EY16 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Product Summary
Power Supply Pins (VDD and VSS)
MC68HC908EY16 Product Summary – Rev 1.0
Motorola
Pin Functions
7
5 Pin Functions
Descriptions of the pin functions are provided here.
5.1 Power Supply Pins (VDD and VSS)
VDD and VSS are the power supply and ground pins. The MCU operates
from a single power supply.
Fast signal transitions on MCU pins place high, short-duration current
demands on the power supply. To prevent noise problems, take special
care to provide power supply bypassing at the MCU as Figure 3 shows.
Place the C1 bypass capacitor as close to the MCU as possible. Use a
high-frequency-response ceramic capacitor for C1. C2 is an optional
bulk current bypass capacitor for use in applications that require the port
pins to source high current levels.
Figure 3. Power Supply Bypassing
MCU
VDD
C2
C1
0.1
µF
VSS
VDD
+
Note: Component values shown represent typical applications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com