データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5920 データシート(PDF) 13 Page - Applied Micro Circuits Corporation

部品番号 CS5920
部品情報  Full 132 Mbytes/sec Transfer Rate
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMCC [Applied Micro Circuits Corporation]
ホームページ  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS5920 データシート(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button CS5920 Datasheet HTML 9Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 10Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 11Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 12Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 13Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 14Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 15Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 16Page - Applied Micro Circuits Corporation CS5920 Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 160 page
background image
S5920 – PCI Product
Revision 1.01 – November 28, 2005
AMCC Confidential and Proprietary
DS1596
13
Data Book
Continuous Quality Improvement Program
Corporate-wide commitment driven by the
Executive Staff
A program plan that is flexible enough to com-
prehend dynamic customer inputs
Statistical tools in place for analysis and action
planning
Weekly and monthly review meetings to share
performance data
Self examination consistent with elements in
ISO9001 and the Malcolm Baldridge National
Quality Award
AMCC QUALITY SYSTEM
The Quality System had been modeled after the strin-
gent military requirements of MIL-I-45208, MIL-Q-9858
and MIL-I-38535 Appendix A. Heading into the 21st
century, AMCC has now modified its Quality System to
also align with ISO9001. This has strengthened the
closed loop improvement cycle by tying internal audits
with corrective/preventative action though continuous
management review.
AMCC’s Quality System has the following components
integrated throughout the factory to meet or exceed
the above requirements.
Quality Organization
Quality Planning
Management Review
Contract Review
Design Control
Document and Data Control
Purchasing
Supplier Selection and Control
Control of Customer Supplied Materials
Product Identification and Traceability
Operating Procedures
Work Instructions
Inspection and Test
Inspection, Measurement and Test Equipment
Calibration
Inspection Status System
Control of Nonconforming Material
Corrective and Preventive Action
ESD Safe Handling, Storage, Packaging, Pres-
ervation and Delivery Methods
Records Retention and Maintenance
Internal Process/Area Auditing System
Training/Certification
SPC and Statistical Techniques
Failure Analysis
ISO9001 REGISTRATION
Based on the restructure of the Quality System to
ISO9001 requirements and successful completion of
internal and third-party audits, AMCC was ISO regis-
tered on July 29, 1996. Bi-yearly surveillance audits
have been successfully passed as well. Please con-
tact the factory for further details and schedule
updates.
AMCC
Quality
Philosophy
ISO9001
AMCC
Quality
Manual
AMCC
QA Practices
Manufac-
turing
Materials
Inspection
and
Test
Design
Customer
Conform-
ance
Rqmts
Superior
Product
Quality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More