| データシートサーチシステム |
|
CS5920 データシート(PDF) 57 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
CS5920 データシート(HTML) 57 Page - Applied Micro Circuits Corporation |
|
57 / 160 page ![]() S5920 – PCI Product Revision 1.01 – November 28, 2005 AMCC Confidential and Proprietary DS1596 57 Data Book 1. Base Address Register 0, at offset 10h, powers up as FFFFFF81h. This default assignment allows usage without an external boot memory. Should an nvRAM be used, the base address can be boot loaded to become a memory space (FFFFFF80h or FFFFFF82h). Table 37. Read Response (I/O Assigned) to an All-Ones Write Operation to a Base Address Register Response Size in Bytes nvRAM boot value 00000000h none - disabled 00000000h or BIOS missing FFFFFFFDh 4 bytes (1 DWORDs) FFFFFFFDh FFFFFFF9h 8 bytes (2 DWORDs) FFFFFFF9h FFFFFFF1h 16 bytes (4 DWORDs) FFFFFFF1h FFFFFFE1h 32 bytes (8 DWORDs) FFFFFFE1h FFFFFFC1h 64 bytes (16 DWORDs) FFFFFFC1h FFFFFF81h 128 bytes (32 DWORDs) FFFFFF81h 1 FFFFFF01h 256 bytes (64 DWORDs) FFFFFF01h |