データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMF882X データシート(PDF) 11 Page - OSRAM GmbH

部品番号 TMF882X
部品情報  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF882X データシート(HTML) 11 Page - OSRAM GmbH

Back Button TMF882X Datasheet HTML 7Page - OSRAM GmbH TMF882X Datasheet HTML 8Page - OSRAM GmbH TMF882X Datasheet HTML 9Page - OSRAM GmbH TMF882X Datasheet HTML 10Page - OSRAM GmbH TMF882X Datasheet HTML 11Page - OSRAM GmbH TMF882X Datasheet HTML 12Page - OSRAM GmbH TMF882X Datasheet HTML 13Page - OSRAM GmbH TMF882X Datasheet HTML 14Page - OSRAM GmbH TMF882X Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 10
3.1
Controls for All Tabs
3.1.1
Menu
The global menu contains these entries:
"File" Menu
●
"Save Configuration" - save all EVM GUI settings (control values)
●
"Load Configuration" - loads all EVM GUI settings (control values)
●
"Exit" - leave the EVM GUI
"Help" Menu
●
"About Dialog" - shows version information and copyright notices
3.1.2
Main Tab Selector [1]
Select your view context here:
●
The "Main" tab shows histograms (also in a histogram matrix) and data for the object in the
sensor's field of view as a bar chart (distance and confidence)
●
The "3D" tab shows a 3D graphical representation the same object data(distance and
confidence)
●
The "Interrupt" tab is similar to the 3D tab and allows you to set object detection parameters
(e.g. relevant object distance)
●
You can update the firmware on the EVM module with the "File Upload" tab
3.1.3
Histogram Display Selector [2]
Figure 7:
Histogram Display Selector
You can display histograms either in a combined graph as shown above or separately for each of the
channels by selecting "Histogram Matrix".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37