データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMF882X データシート(PDF) 19 Page - OSRAM GmbH

部品番号 TMF882X
部品情報  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF882X データシート(HTML) 19 Page - OSRAM GmbH

Back Button TMF882X Datasheet HTML 15Page - OSRAM GmbH TMF882X Datasheet HTML 16Page - OSRAM GmbH TMF882X Datasheet HTML 17Page - OSRAM GmbH TMF882X Datasheet HTML 18Page - OSRAM GmbH TMF882X Datasheet HTML 19Page - OSRAM GmbH TMF882X Datasheet HTML 20Page - OSRAM GmbH TMF882X Datasheet HTML 21Page - OSRAM GmbH TMF882X Datasheet HTML 22Page - OSRAM GmbH TMF882X Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Document Feedback
TMF882X
Using the EVM Software
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 18
3.2.2
Main Tab Controls
"Histograms" Box [8]
Figure 14:
Histograms Box
The controls in this box influence the display of the histograms in the histograms plot and the
histogram matrix:
●
Switch on the histogram legend with the check box "Show Legend".
●
Enable automatic scaling for the Y-axis with the check box "Auto Scale Y axis". If this check box
is disabled the histogram plots use the value of the check box "Y Axis" as maximum value.
●
As default the histogram graphs are linear in x direction and y direction. You can change the
scaling for the Y-axis to logarithmic. This allows to better observe very low values in the first few
bins and in the (object and cross-talk) peak tails.
Information
The 8x8-histogram view is not enabled in the EVM GUI. It automatically hides this element in 8x8
mode.
"Display" Box [9]
Figure 15:
Display Box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37