データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMF882X データシート(PDF) 32 Page - OSRAM GmbH

部品番号 TMF882X
部品情報  EVM User Guide
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF882X データシート(HTML) 32 Page - OSRAM GmbH

Back Button TMF882X Datasheet HTML 28Page - OSRAM GmbH TMF882X Datasheet HTML 29Page - OSRAM GmbH TMF882X Datasheet HTML 30Page - OSRAM GmbH TMF882X Datasheet HTML 31Page - OSRAM GmbH TMF882X Datasheet HTML 32Page - OSRAM GmbH TMF882X Datasheet HTML 33Page - OSRAM GmbH TMF882X Datasheet HTML 34Page - OSRAM GmbH TMF882X Datasheet HTML 35Page - OSRAM GmbH TMF882X Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Document Feedback
TMF882X
Drivers
Demo Kit Manual
• PUBLIC
UG000495
• v6-00 • 2022-May-19
36
│ 31
4
Drivers
ams OSRAM recommends to use one of the available software drivers to operate the TMF882X. The
following drivers are available:
Linux driver
– use this for any Linux system (e.g. Android) where the driver is running on the
application processor.
MCU driver (sometimes referenced as bare metal driver)
– the hardware functions for
executing the I2C routines can be easily replaced to simply port this driver to systems without
operating systems or systems not running Linux
Information
Please find the documentation for the
“User Application Programming Interface” for the TMF882X
Linux kernel driver in the driver sources archive (e.g. in TMF882x_Driver_Linux_Source_v3.51.zip).
The documentation is in a file in MarkDown format (TMF882X_Driver_UAPI_Guide.md).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37